Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914AIYD Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS914AIYD
Description  Rail-to-rail CMOS quad operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914AIYD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS914AIYD Datasheet HTML 8Page - STMicroelectronics TS914AIYD Datasheet HTML 9Page - STMicroelectronics TS914AIYD Datasheet HTML 10Page - STMicroelectronics TS914AIYD Datasheet HTML 11Page - STMicroelectronics TS914AIYD Datasheet HTML 12Page - STMicroelectronics TS914AIYD Datasheet HTML 13Page - STMicroelectronics TS914AIYD Datasheet HTML 14Page - STMicroelectronics TS914AIYD Datasheet HTML 15Page - STMicroelectronics TS914AIYD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Macromodels
TS914
12/19
4
Macromodels
4.1
Important note concerning this macromodel
Please consider the following remarks before using this macromodel:
●
All models are a trade-off between accuracy and complexity (i.e. simulation time).
Macromodels are not a substitute for breadboarding; rather, they confirm the validity of
a design approach and help to select surrounding component values.
●
A macromodel emulates the nominal performance of a typical device within specified
operating conditions (such as temperature or supply voltage, etc). Thus, the
macromodel is often not as exhaustive as the datasheet, its purpose is to illustrate the
main parameters of the product.
●
Data derived from macromodels used outside of the specified conditions (such as VCC,
or temperature) or even worse, outside of the device’s operating conditions (such as
VCC or Vicm) is not reliable in any way.
The values provided in Table 6 are derived from this macromodel.
Table 6.
VCC
+ = 3V, V
CC- = 0V, RL, CL connected to VCC/2, Tamb = 25°C (unless
otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10kΩ
10
V/mV
ICC
No load, per operator
100
μA
Vicm
-0.2 to 3.2
V
VOH
RL = 600Ω
2.96
V
VOL
RL = 60Ω
300
mV
Isink
VO = 3V
40
mA
Isource
VO = 0V
40
mA
GBP
RL = 10kΩ, CL = 100pF
0.8
MHz
SR
RL = 10kΩ, CL = 100pF
0.3
V/
μs
φm
Phase margin
30
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com