Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4DIR0401HA Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 4DIR0401HA
Description  ISOFACE™ 4DIRx4xxHA family
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4DIR0401HA Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 4DIR0401HA Datasheet HTML 17Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 18Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 19Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 20Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 21Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 22Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 23Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 24Page - Infineon Technologies AG 4DIR0401HA Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
4.3
Operating range
Table 9
Operating range
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
Data rate
DR
0
 
40
Mbps
 
Supply voltage
VDD1, VDD2
2.7
 
6.5
V
 
High-level input voltage
VIH
0.7 VD
DI
 
VDDI
V
1)
Low-level input voltage
VIL
0
 
0.3 VD
DI
V
1)
Ambient temperature
TA
-40
 
125
°C
 
1)
VDDI = Input-side supply voltage. For input channels on side 1 it is VDD1 and for input channels on side 2 it is VDD2
4.4
Common Mode Transient Immunity (CMTI)
Table 10
Common Mode Transient Immunity (CMTI)
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
Static Common Mode Transient
Immunity (CMTI)
|CMH|
 
100
 
 
kV/µs
VCM = 1200 V; VINX tied to
VDDI 1)  2) 3)
Static Common Mode Transient
Immunity (CMTI)
|CML|
 
100
 
 
kV/µs
VCM = 1200 V; VINX tied to
GNDX 2) 3)
1)
VDDI refers to the supply voltages on the input side of a given channel
2)
Minimum slew rate of a common mode voltage at which the output signal is disturbed
3)
Parameters not tested in production
ISOFACE™ 4DIRx4xxHA family
Robust digital isolators with AEC-Q100 qualification
4 Thermal and electrical characteristics
Datasheet
21
V1.7
2024-07-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com