Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS3021
Description  Rail-to-rail 1.8V high-speed comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021 Datasheet(HTML) 5 Page - STMicroelectronics

  TS3021 Datasheet HTML 1Page - STMicroelectronics TS3021 Datasheet HTML 2Page - STMicroelectronics TS3021 Datasheet HTML 3Page - STMicroelectronics TS3021 Datasheet HTML 4Page - STMicroelectronics TS3021 Datasheet HTML 5Page - STMicroelectronics TS3021 Datasheet HTML 6Page - STMicroelectronics TS3021 Datasheet HTML 7Page - STMicroelectronics TS3021 Datasheet HTML 8Page - STMicroelectronics TS3021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TS3021-3022
Electrical characteristics
5/17
Table 4.
VCC=+3.3V, Tamb = +25°C, full Vicm range (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
-40°C < Tamb < +125°C
-
0.5
8
10
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +125°C
-
3
20
μV/°C
IIO
Input offset current(2)
-40°C < Tamb < +125°C
-
120
100
nA
IIB
Input bias current(2)
-40°C < Tamb < +125°C
-
80
160
300
nA
ICC
Supply current
No load, output low, Vicm=0V
-40°C < Tamb < +125°C
No load, output high, Vicm=0V
-40°C < Tamb < +125°C
-
77
65
110
120
90
125
μA
ISC
Short circuit current
Source
Sink
-
33
28
-mA
VOH
Output voltage high
Isource=1mA
-40°C < Tamb < +125°C
3.20
3.10
3.26
-V
VOL
Output voltage low
Isource=1mA
-40°C < Tamb < +125°C
-
30
80
150
mV
CMRR
Common mode rejection ratio
0 < Vicm < 3.3V
-
71
-
dB
SVR
Supply voltage rejection
ΔVCC= 2 to 5V
58
69
-
dB
TPLH
Propagation delay
Low to high output level
Vicm= 0V, f=10kHz, CL=50pF,
Overdrive = 20mV
Overdrive = 100mV
-42
34
85
65
ns
TPHL
Propagation delay
High to low output level
Vicm= 0V, f=10kHz, CL=50pF,
Overdrive = 20mV
Overdrive = 100mV
-41
34
80
65
ns
TF
Fall time
f=10kHz, CL=50pF,RL=10kΩ,
Overdrive = 100mV
-
5
-ns
TR
Rise time
f=10kHz, CL=50pF,RL=10kΩ,
Overdrive = 100mV
-
7
-ns
1.
All values at non-ambient temperatures are guaranteed through correlation and simulation. No production test is performed
at non-ambient temperatures.
2.
Maximum values include unavoidable inaccuracies of the industrial test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com