Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS932ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS932ID
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS932ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS932ID Datasheet HTML 2Page - STMicroelectronics TS932ID Datasheet HTML 3Page - STMicroelectronics TS932ID Datasheet HTML 4Page - STMicroelectronics TS932ID Datasheet HTML 5Page - STMicroelectronics TS932ID Datasheet HTML 6Page - STMicroelectronics TS932ID Datasheet HTML 7Page - STMicroelectronics TS932ID Datasheet HTML 8Page - STMicroelectronics TS932ID Datasheet HTML 9Page - STMicroelectronics TS932ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TS931-TS932-TS934
Electrical Characteristics
6/15
Figure 7:
Figure 8:
Figure 9:
0123
-2
-1.5
-1
-0.5
0
0.5
1
T=+85°C
T=+25°C
T=-40°C
T=+85°C
T=+25°C
T=-40°C
Output Voltage (V)
Vcc=2.7V
Sink
Source
Output Voltage (V)
T=+85°C
T=+25°C
T=-40°C
T=+85°C
T=+25°C
T=-40°C
Source
Sink
012
3
4
5
-6
-4
-2
0
2
4
6
Vcc=5V
2468
10
1
2
5
10
20
50
100
200
500
RL = 10k
Ω
RL tied to VDD
SINGLE SUPPLY
Vid = +100mV
RL = 100k
Ω
RL = 1M
Ω
Supply Voltage (V)
Figure 10:
Figure 11:
Figure 12:
0
0.5
1
1.5
2
2.5
3
-2
-1
0
1
Output Voltage (V)
T=-40°C
T=+85°C
T=+25°C
T=-40°C
Sink
Vcc=3V
Source
T=+85°C
T=+25°C
Output Voltage (V)
T=+85°C
T=+25°C
T=-40°C
T=+85°C
T=-40°C
Source
Sink
0
2
468
10
-30
-20
-10
0
10
20
30
Vcc=10V
T=+25°C
RL = 10k
Ω
RL = 100k
Ω
RL = 1M
Ω
Supply Voltage (V)
24
6
8
10
1
2
5
10
20
50
100
200
500
RL tied to Vcc
SINGLE SUPPLY
Vid = -100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com