Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS932IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS932IDT
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS932IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TS932IDT Datasheet HTML 1Page - STMicroelectronics TS932IDT Datasheet HTML 2Page - STMicroelectronics TS932IDT Datasheet HTML 3Page - STMicroelectronics TS932IDT Datasheet HTML 4Page - STMicroelectronics TS932IDT Datasheet HTML 5Page - STMicroelectronics TS932IDT Datasheet HTML 6Page - STMicroelectronics TS932IDT Datasheet HTML 7Page - STMicroelectronics TS932IDT Datasheet HTML 8Page - STMicroelectronics TS932IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2004
Revision 2
1/15
n Rail-to-rail output voltage swing
n Micropower consumption (20µA)
n Single supply operation (2.7V to 10V
n Low offset (2mV max for TS93xB)
n CMOS inputs
n Ultra low input bias current (1pA)
n ESD protection (2kV)
n Latch-up immunity (class A)
n Available in SOT23-5 micropackage
Description
The TS93x (single, dual & quad) series are
operational amplifiers able to operate with voltage
as low as 2.7V and to reach 2.9Vpp of output
swing with RL = 100kΩ when supplied @ 3V.
Offering a typical consumption of only 20
µA, they
are particularly well-suited for battery-powered
applications.
Fitting the TS93x onto your board design is very
easy because of its space-saving 5-pin SOT23-5
package
with
outer
dimensions
of
2.8mm x 2.9mm.
Applications
n Battery-powered systems
n Portable communication systems
n Alarm, smoke detectors
n Instrumentation & sensoring
n PH Meter
n Digital scales
Pin Connections (top view)
Order Codes
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS931ILT
TS934IN-TS934ID-TS934IDT-TS934IPT
TS931ID-TS931IDT
TS932IN-TS932ID-TS932IDT
Part Number
Temperature
Range
Package
Packaging
Marking
TS931ID/IDT/AID/AIDT/BID/BIDT
-40°C, +85°C
SO
Tube or Tape & Reel
TS931ILT/AILT/BILT
SOT23-5L
Tape & Reel
K205
K206
K207
TS932IN/AIN/BIN
DIP
Tube
TS932ID/IDT/AID/AIDT/BID/BIDT
SO
Tube or Tape & Reel
TS934IN/AIN/BIN
DIP
Tube
TS934ID/IDT/AID/AIDT/BIDT/BIDT
SO
Tube or Tape & Reel
TS934IPT/AIPT/BIPT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel
TS931-TS932-TS934
Output Rail-to-Rail Micropower Operational Amplifiers


Similar Part No. - TS932IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS932IDT STMICROELECTRONICS-TS932IDT Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
More results

Similar Description - TS932IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
logo
Texas Instruments
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS93X STMICROELECTRONICS-TS93X Datasheet
977Kb / 17P
Output rail-to-rail micropower operational amplifiers
07-Nov-2012
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com