Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3022I Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS3022I
Description  Rail-to-rail 1.8V high-speed comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3022I Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS3022I Datasheet HTML 9Page - STMicroelectronics TS3022I Datasheet HTML 10Page - STMicroelectronics TS3022I Datasheet HTML 11Page - STMicroelectronics TS3022I Datasheet HTML 12Page - STMicroelectronics TS3022I Datasheet HTML 13Page - STMicroelectronics TS3022I Datasheet HTML 14Page - STMicroelectronics TS3022I Datasheet HTML 15Page - STMicroelectronics TS3022I Datasheet HTML 16Page - STMicroelectronics TS3022I Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Ordering information
TS3021-3022
16/17
4
Ordering information
5
Revision history
Table 6.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
TS3021ILT
-40°C, +125°C
SOT23-5
Tape & reel
K520
TS3021ICT
SC70-5
Tape & reel
K52
TS3022ID
SO8
Tube
TS3022I
TS3022IDT
SO8
Tape & reel
TS3022I
TS3022IST
MiniSO8
Tape & reel
K521
Date
Revision
Changes
1-Jun-2006
1
Initial release.
1-Sep-2006
2
Dual version added.
Pin-out of single TS3021 corrected.
Modified temperature range for input common mode voltage.
22-Feb-2007
3
Addition of MiniSO8 package for dual version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com