Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3704CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3704CD
Description  MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3704CD Datasheet(HTML) 1 Page - STMicroelectronics

  TS3704CD Datasheet HTML 1Page - STMicroelectronics TS3704CD Datasheet HTML 2Page - STMicroelectronics TS3704CD Datasheet HTML 3Page - STMicroelectronics TS3704CD Datasheet HTML 4Page - STMicroelectronics TS3704CD Datasheet HTML 5Page - STMicroelectronics TS3704CD Datasheet HTML 6Page - STMicroelectronics TS3704CD Datasheet HTML 7Page - STMicroelectronics TS3704CD Datasheet HTML 8Page - STMicroelectronics TS3704CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2007
Rev 3
1/11
11
TS3704
Micropower quad CMOS voltage comparators
Features
Push-pull CMOS output (no external pull-up
resistor required)
Extremely low supply current: 9
μa typ per
comparator
Wide single supply range 2.7V to 16V or dual
supplies (±1.35V to ±8V)
Extremely low input bias current: 1pA typ
Extremely low input offset current: 1pA typ
Input common-mode voltage range includes
GND
High input impedance: 1012
Ω typ
Last response time: 2
μs typ. for 5mV overdrive
Pin-to-pin and functionally compatible with
bipolar LM339
Description
The TS3704 is a micropower CMOS quad voltage
comparator with extremely low consumption of
9
μA typ / comparator (20 times less than bipolar
LM339). The push-pull CMOS output stage allows
power and space saving by eliminating the
external pull-up resistor required by usual open-
collector output comparators.
Thus response times remain similar to the LM339.
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
N
DIP14
(Plastic package)
D
SO14
(Plastic micropackage)
P
TSSOP14
(Thin shrink small outline package)
Pin connections
(Top view)
www.st.com


Similar Part No. - TS3704CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Jan-1999
More results

Similar Description - TS3704CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Sep-1998
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Jan-1999
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
Micropower Quad CMOS Voltage Comparators
Aug-2005
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com