Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA1203I Datasheet(PDF) 24 Page - STMicroelectronics

Part # SA1203I
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA1203I Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SA1203I Datasheet HTML 20Page - STMicroelectronics SA1203I Datasheet HTML 21Page - STMicroelectronics SA1203I Datasheet HTML 22Page - STMicroelectronics SA1203I Datasheet HTML 23Page - STMicroelectronics SA1203I Datasheet HTML 24Page - STMicroelectronics SA1203I Datasheet HTML 25Page - STMicroelectronics SA1203I Datasheet HTML 26Page - STMicroelectronics SA1203I Datasheet HTML 27Page - STMicroelectronics SA1203I Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Practical application examples
TSA1203
24/30
9
Practical application examples
9.1
Digital interface applications
The wide external buffer power supply range of the TSA1203 makes it a perfect choice for
plugging into 2.5 V or 3.3 V low voltage DSPs or digital interfaces.
9.2
Medical imaging applications
Driven by the increasing demand for applications requiring either portability or a high degree
of parallelism (or both), this product satisfies the requirements of medical imaging and
telecom infrastructures.
The typical system diagram in Figure 32, shows how a narrow input beam of acoustic
energy is sent into a living body via the transducer, and how the energy reflected back is
analyzed.
Figure 32. Medical imaging application
The transducer is a piezoelectric ceramic such as zirconium titanate. The whole array can
reach up to 512 channels. The TX beam former, amplified by the HV TX amps, delivers up to
100 V amplitude excitation pulses with phase and amplitude shifts. The mux and T/R switch
is a two way input signal transmitter/ output receiver.
To compensate for skin and tissues attenuation effects, the time gain compensation (TGC)
amplifier is an exponential amplifier that amplifies low voltage signals to the ADC input
range. A differential output structure with low noise and very high linearity are essential
factors.
These applications need high speed, low power and high performance ADCs. 10-12 bit
resolution is necessary to lower the quantification noise. As multiple channels are used, a
dual converter is a must for room saving issues.
The input signal is in the range of 2 to 20 MHz (mainly 2 to 7 MHz) and the application uses
mostly a 4 over-sampling ratio for spurious free dynamic range (SFDR) optimization.
The next RX beam former and processing blocks enable the analysis of the output channels
versus the input beam.
Mux and
T/R
switches
TX beam
former
Processing
and display
RX beam
former
ADC
TGC amplifier
HV TX amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com