Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMHS60R650RFZ Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MMHS60R650RFZ
Description  600V 0.65Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMHS60R650RFZ Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MMHS60R650RFZ Datasheet HTML 1Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 2Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 3Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 4Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 5Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 6Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 7Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 8Page - MagnaChip Semiconductor. MMHS60R650RFZ Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMHS60R650RFZ
Datasheet
Aug. 2024 Revision 1.1
Magnachip Semiconductor Ltd.
2
Parameter
Symbol
Rating
Unit
Note
Drain - Source voltage
VDSS
600
V
Gate - Source voltage
VGSS
±
25
V
Continuous drain current (1)
ID
8.0
A
TC=25℃
5.0
A
TC=100℃
Pulsed drain current (2)
IDM
24.0
A
Power dissipation
PD
7.40
W
Single - pulse avalanche energy (3)
EAS
130
mJ
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
Diode dv/dt ruggedness (4)
dv/dt
50
V/ns
Storage temperature
Tstg
-
55 ~150
oC
Maximum operating junction
temperature
Tj
150
oC
1)
ID limited by maximum junction temperature
2)
Pulse width tP limited by Tj,max
3)
IAS = 1.3 A
4)
ISD ≤ ID, di/dt = 500A/μs, VDS peak ≤ V(BR)DSS, VDD= 400V, Tj=25oC
Parameter
Symbol
Value
Unit
Thermal resistance, junction-case max(5)
RthJC
16.9
oC/W
Thermal resistance, junction-ambient max(6)
RthJA
84.3
oC/W
5)
From junction to case (solder point)
6)
Device mounted on copper area for drain connection and cooling.
Thermal Characteristics
Absolute Maximum Rating (Tc=25oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com