Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350ILT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSH350ILT
Description  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ILT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSH350ILT Datasheet HTML 14Page - STMicroelectronics TSH350ILT Datasheet HTML 15Page - STMicroelectronics TSH350ILT Datasheet HTML 16Page - STMicroelectronics TSH350ILT Datasheet HTML 17Page - STMicroelectronics TSH350ILT Datasheet HTML 18Page - STMicroelectronics TSH350ILT Datasheet HTML 19Page - STMicroelectronics TSH350ILT Datasheet HTML 20Page - STMicroelectronics TSH350ILT Datasheet HTML 21Page - STMicroelectronics TSH350ILT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Active filtering
TSH350
18/22
8
Active filtering
Figure 35.
Low-pass active filtering, Sallen-Key
From the resistors Rfb and RG we can directly calculate the gain of the filter in a classic non-
inverting amplification configuration:
We assume the following expression as the response of the system:
The cut-off frequency is not gain-dependent and so becomes:
The damping factor is calculated by the following expression:
The higher the gain, the more sensitive the damping factor is. When the gain is higher than
1, it is preferable to use some very stable resistor and capacitor values. In the case of
R1=R2=R:
Due to a limited selection of values of capacitors in comparison with resistors, we can set
C1=C2=C, so that:
+
_
R
G
IN
Rfb
910
100
OUT
R1
R2
C2
C1
+
_
R
G
IN
Rfb
910
100
OUT
R1
R2
C2
C1
A
V
g1
R
fb
R
g
--------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
-----------------
g
12
ζ
j
ω
ω
c
-----
j
ω
()
2
ω
c
2
------------
++
-----------------------------------------
==
ω
c
1
R1R2C1C2
-------------------------------------
=
ζ
1
2
---
ω
c C1R1
C
1R2
C
2R1
C
1R1g
–
++
()
=
ζ
2C
2
C
1
R
fb
R
g
--------
–
2C
1C2
---------------------------------
=
ζ
2R
2
R
1
R
fb
R
g
--------
–
2R
1R2
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com