Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH350I Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSH350I
Description  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350I Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSH350I Datasheet HTML 14Page - STMicroelectronics TSH350I Datasheet HTML 15Page - STMicroelectronics TSH350I Datasheet HTML 16Page - STMicroelectronics TSH350I Datasheet HTML 17Page - STMicroelectronics TSH350I Datasheet HTML 18Page - STMicroelectronics TSH350I Datasheet HTML 19Page - STMicroelectronics TSH350I Datasheet HTML 20Page - STMicroelectronics TSH350I Datasheet HTML 21Page - STMicroelectronics TSH350I Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TSH350
Ordering information
21/22
10
Ordering information
11
Revision history
Table 5.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TSH350ILT
-40°C to +85°C
SOT23-5
Tape & reel
K305
TSH350ID
SO-8
Tube
TSH350I
TSH350IDT
SO-8
Tape & reel
TSH350I
Date
Revision
Changes
1-Oct-2004
1
First release corresponding to Preliminary Data version of datasheet.
10-Dec-2004
2
Release of mature product datasheet.
21-Jun-2005
3
In Table 1 on page 2, Rthjc thermal resistance junction to ambient
replaced by thermal resistance junction to case.
8-Jun-2007
4
Format update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com