Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K7253M Datasheet(PDF) 4 Page - EPCOS

Part # K7253M
Description  IF Filter for Intercarrier / Multistandard Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K7253M Datasheet(HTML) 4 Page - EPCOS

  K7253M Datasheet HTML 1Page - EPCOS K7253M Datasheet HTML 2Page - EPCOS K7253M Datasheet HTML 3Page - EPCOS K7253M Datasheet HTML 4Page - EPCOS K7253M Datasheet HTML 5Page - EPCOS K7253M Datasheet HTML 6Page - EPCOS K7253M Datasheet HTML 7Page - EPCOS K7253M Datasheet HTML 8Page - EPCOS K7253M Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Jan 27, 2003
SAW Components
K 7253 M
38,00 MHz
IF Filter for Intercarrier / Multistandard Applications
Data Sheet
Characteristics in M/N mode (switching pin 2 connected to pin 1)
Reference temperature:
TA =
25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,50 MHz
15,5
17,0
18,5
dB
following data
Relative attenuation
α
rel
Picture carrier
38,00 MHz
5,2
6,2
7,2
dB
Color carrier
34,42 MHz
2,8
3,8
4,8
dB
Sound carrier
33,50 MHz
18,3
19,8
21,3
dB
Adjacent picture carrier
32,00 MHz
38,0
46,0
—
dB
Adjacent sound carrier
39,50 MHz
36,0
43,0
—
dB
Lower sidelobe
25,00 ..... 32,00 MHz
36,0
42,0
—
dB
Upper sidelobe
39,50 ..... 45,00 MHz
31,0
37,0
—
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
51,0
—
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Group delay predistortion
∆τ
(reference frequency 38,00 MHz)
34,42 MHz
—
–50
—
ns
Impedance at 36,50 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,2 ||18,9
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,5 || 3,9
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com