Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5057 Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # AP5057
Description  1A Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP5057 Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  AP5057 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP5057
Chipown
8/F, ChuangYuan Building No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
Pin Description
Pin No.
Pin Name
Pin Function
1
TEMP
Battery temperature detection input.
2
PROG
Charge Current Program, Charge Current Monitor and Shutdown Pin.
3
GND
Ground.
4
VCC
Positive Input Supply Voltage.
5
BAT
Charge Current Output.
6
STDBY
The completion of battery charging instructions side.
7
CHRG
Open-Drain Charge Status Output.
8
CE
Chip Enable Input.
Functional Block Diagram
Figure 2. Block Diagram
V2.0
2 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com