Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13009 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 13009
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13009 Datasheet(HTML) 4 Page - STMicroelectronics

  13009 Datasheet HTML 1Page - STMicroelectronics 13009 Datasheet HTML 2Page - STMicroelectronics 13009 Datasheet HTML 3Page - STMicroelectronics 13009 Datasheet HTML 4Page - STMicroelectronics 13009 Datasheet HTML 5Page - STMicroelectronics 13009 Datasheet HTML 6Page - STMicroelectronics 13009 Datasheet HTML 7Page - STMicroelectronics 13009 Datasheet HTML 8Page - STMicroelectronics 13009 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
ST13009
4/11
Doc ID 11491 Rev 3
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEV
Collector cut-off current
(VBE = -1.5 V)
VCE = 700 V
VCE = 700 V TC = 100°C
10
500
µA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 10 V
10
µA
VCEO(sus)
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤2 %
Collector-emitter
sustaining voltage
(IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 4 A
_
IB = 0.8 A
IC = 5 A _ _
IB = 1 A
IC = 8 A _ _
IB = 1.6 A
IC = 12 A _ _
IB = 3 A
0.85
0.9
1.25
2.5
V
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 5 A
_
IB = 1 A
IC = 8 A _ _
IB = 1.6 A
1.2
1.6
V
V
hFE
(1)(2)
2.
Product is pre-selected in DC current gain (group L and group H). STMicroelectronics reserves the right to
ship either groups according to production availability. Please contact your nearest STMicroelectronics
sales office for delivery details.
DC current gain
IC = 5 A
_
VCE = 5 V
Group L
Group H
IC = 8 A
_ _
VCE = 5 V
15
26
10
31
39
30
ts
tf
Inductive load
Storage time
Fall time
IC = 5 A
VCC = 250 V
IB1 = 1 A
IB2 = -2 A
L = 200
µH
see
Figure 9
1.6
60
2.5
110
µs
ns
ts
tf
Inductive load
Storage time
Fall time
IC = 5 A
VCC = 125 V
IB1 = - IB2 = 1.6 A
L = 200
µH
tc = 125 °C
see
Figure 9
2.3
110
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com