Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF21P6LLF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF21P6LLF6
Description  P-channel -60 V, 25.5 mΩ typ., -21 A STripFET™ F6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF21P6LLF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF21P6LLF6 Datasheet HTML 1Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 2Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 3Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 4Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 5Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 6Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 7Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 8Page - STMicroelectronics STF21P6LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2016
DocID029893 Rev 1
1/13
This is information on a product in full production.
www.st.com
STF21P6LLF6
P-channel -
60 V, 25.5 mΩ typ., -21 A STripFET™
F6 Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STF21P6LLF6
-60 V
28.5 mΩ
-21 A
25 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ F6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STF21P6LLF6
21P6LLF6
TO-220FP
Tape and reel
TO-220FP


Similar Part No. - STF21P6LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
logo
Inchange Semiconductor ...
STF21N65M5 ISC-STF21N65M5 Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF21N90K5 STMICROELECTRONICS-STF21N90K5 Datasheet
998Kb / 22P
N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
12-Oct-2012
logo
Inchange Semiconductor ...
STF21N90K5 ISC-STF21N90K5 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF21NM50N STMICROELECTRONICS-STF21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
More results

Similar Description - STF21P6LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
03-Apr-2017
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
16-Dec-2014
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
N-channel 60 V, 0.0057 Ω typ., 90 A STripFET™ F6 Power MOSFET in a TO-220 package
13-Mar-2015
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
16-Nov-2016
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com