Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1265 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1265
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1265_06 Datasheet HTML 9Page - Microchip Technology TC1265_06 Datasheet HTML 10Page - Microchip Technology TC1265_06 Datasheet HTML 11Page - Microchip Technology TC1265_06 Datasheet HTML 12Page - Microchip Technology TC1265_06 Datasheet HTML 13Page - Microchip Technology TC1265_06 Datasheet HTML 14Page - Microchip Technology TC1265_06 Datasheet HTML 15Page - Microchip Technology TC1265_06 Datasheet HTML 16Page - Microchip Technology TC1265_06 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21376D-page 13
TC1265
APPENDIX A: REVISION HISTORY
Revision D (October 2006)
• Section 1.0 “Electrical Characteristics”:
Changed dropout voltage voltage typical value for
IL = 500 mA from 700 to 1000 and maximum
value from 1000 to 1200 for. Changed typical
value for IL = 800 mA from 890 to 1200
• Section 6.0 “Packaging Information”: Added
pb-free symbol to package marking information
• Added disclaimer to package outline drawings
• Updated package outline drawings as needed
• Added Appendix A - Revision History
Revision C (October 2004)
• Not Documented
Revision B (May 2002)
• Not Documented
Revision A (March 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com