Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV324AIYPT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV324AIYPT
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV324AIYPT Datasheet(HTML) 3 Page - STMicroelectronics

  TSV324AIYPT Datasheet HTML 1Page - STMicroelectronics TSV324AIYPT Datasheet HTML 2Page - STMicroelectronics TSV324AIYPT Datasheet HTML 3Page - STMicroelectronics TSV324AIYPT Datasheet HTML 4Page - STMicroelectronics TSV324AIYPT Datasheet HTML 5Page - STMicroelectronics TSV324AIYPT Datasheet HTML 6Page - STMicroelectronics TSV324AIYPT Datasheet HTML 7Page - STMicroelectronics TSV324AIYPT Datasheet HTML 8Page - STMicroelectronics TSV324AIYPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TSV321-TSV358-TSV324
Absolute maximum ratings and operating conditions
3/19
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values, except differential voltage are with respect to network terminal.
7V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If
Vid > ±1V, the maximum input current must not exceed ±1mA. When Vid > ±1V, an input series resistor
must be added to limit input current.
±1
V
Vin
Input voltage
VDD-0.3 to VCC +0.3
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(3) (4)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
MiniSO-8
3.
Short-circuits can cause excessive heating and destructive dissipation.
4.
Rth are typical values.
250
125
103
120
100
190
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
MiniSO-8
81
40
31
37
32
39
°C/W
ESD
HBM: human body model(5)
5.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
MM: machine model(6)
6.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins
of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
CDM: charged device model(7)
7.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Latch-up immunity
200
mA
Lead temperature (soldering, 10s)
250
°C
Output short-circuit duration
See note(8)
8.
Short-circuits from the output to VCCcan cause excessive heating. The maximum output current is
approximately 80mA, independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuits on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com