Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1322EOA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1322EOA
Description  12-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1322EOA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1322EOA Datasheet HTML 3Page - Microchip Technology TC1322EOA Datasheet HTML 4Page - Microchip Technology TC1322EOA Datasheet HTML 5Page - Microchip Technology TC1322EOA Datasheet HTML 6Page - Microchip Technology TC1322EOA Datasheet HTML 7Page - Microchip Technology TC1322EOA Datasheet HTML 8Page - Microchip Technology TC1322EOA Datasheet HTML 9Page - Microchip Technology TC1322EOA Datasheet HTML 10Page - Microchip Technology TC1322EOA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21388C-page 7
TC1322
FIGURE 3-1:
SMBus PROTOCOLS
S
Address
R/W
ACK
Command
ACK
Data
ACK
P
8-Bits
0
0
0
0
1
1
1
1
7-Bits
8-Bits
Slave Address
Command Byte: selects
which register you are
writing to.
Data Byte: data goes
into the register set
by the command byte.
Write 1-Byte Format
S
Address
R/W
ACK
Command
ACK
Data
ACK
Data
ACK
P
8-Bits
7-Bits
8-Bits
8-Bits
Slave Address
Command Byte: selects
which register you are
writing to.
Data Byte: data goes
into the register set
by the command byte.
Write 2-Byte Format
Read 1-Byte Format
S
Address
R/W
ACK
Command
ACK
S
Address
R/W
ACK Data
NACK
P
7-Bits
8-Bits
7-Bits
8-Bits
Slave Address
Command Byte: selects
which register you are
reading from.
Slave Address: repeated
due to change in data
flow direction.
Data Byte: reads from
the register set by the
command byte.
Read 2-Byte Format
S
Address
R/W
ACK
Command
ACK
S
Address
R/W ACK Data
ACK
NACK
P
Data
7-Bits
8-Bits
7-Bits
8-Bits
8-Bits
Slave Address
Command Byte: selects
which register you are
reading from.
Slave Address: repeated
due to change in data
flow direction.
Data Byte: reads from
the register set by the
command byte.
Receive 1-Byte Format
S
Address
R/W ACK
Data
NACK
NACK
P
7-Bits
8-Bits
Data Byte: reads data from
the register commanded by
the last read byte or write
byte transmission.
S = START Condition
P = STOP Condition
Shaded = Slave Transmission
Receive 1-Byte Format
S
Address
R/W
ACK
Data
Data
ACK
P
7-Bits
8-Bits
8-Bits
Data Byte: reads data from
the register commanded by
the last read byte or write
byte transmission.
S = START Condition
P = STOP Condition
Shaded = Slave Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com