Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1413 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1413 Datasheet HTML 8Page - Microchip Technology TC1413 Datasheet HTML 9Page - Microchip Technology TC1413 Datasheet HTML 10Page - Microchip Technology TC1413 Datasheet HTML 11Page - Microchip Technology TC1413 Datasheet HTML 12Page - Microchip Technology TC1413 Datasheet HTML 13Page - Microchip Technology TC1413 Datasheet HTML 14Page - Microchip Technology TC1413 Datasheet HTML 15Page - Microchip Technology TC1413 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TC1413/TC1413N
DS21392C-page 12
 2003 Microchip Technology Inc.
8-Lead Plastic Micro Small Outline Package (UA) (MSOP)
D
A
A1
L
c
(F )
A2
E1
E
p
B
n
1
2
Dimens ions D and E 1 do not include mold flas h or protrus ions . Mold flas h or protrus ions s hall not
.037 R E F
F
F ootprint (R eference)
exceed .010" (0.254mm) per s ide.
Notes :
Drawing No. C 04-111
*C ontrolling P arameter
Mold Draft Angle T op
Mold Draft Angle B ottom
F oot Angle
Lead W idth
Lead T hicknes s
c
B
.003
.009
.006
.012
Dimens ion Limits
Overall Height
Molded P ackage T hicknes s
Molded P ackage W idth
Overall Length
F oot Length
Standoff
Overall W idth
Number of P ins
Pitch
A
L
E1
D
A1
E
A2
.016
.024
.118 B S C
.118 B S C
.000
.030
.193 B S C
.033
MIN
p
n
Units
.026 B S C
NOM
8
INC HE S
0.95 R E F
-
-
.009
.016
0.08
0.22
0.23
0.40
MILLIMET ER S*
0.65 B S C
0.85
3.00 B S C
3.00 B S C
0.60
4.90 B S C
.043
.031
.037
.006
0.40
0.00
0.75
MIN
MAX
NOM
1.10
0.80
0.15
0.95
MAX
8
--
-
15˚
-
15˚
-
JE DE C E quivalent: MO-187
-
-
-
15˚
15˚
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com