Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32MCZB Datasheet(PDF) 3 Page - Microchip Technology

Part # TC32MCZB
Description  ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32MCZB Datasheet(HTML) 3 Page - Microchip Technology

  TC32MCZB Datasheet HTML 1Page - Microchip Technology TC32MCZB Datasheet HTML 2Page - Microchip Technology TC32MCZB Datasheet HTML 3Page - Microchip Technology TC32MCZB Datasheet HTML 4Page - Microchip Technology TC32MCZB Datasheet HTML 5Page - Microchip Technology TC32MCZB Datasheet HTML 6Page - Microchip Technology TC32MCZB Datasheet HTML 7Page - Microchip Technology TC32MCZB Datasheet HTML 8Page - Microchip Technology TC32MCZB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21402C-page 3
TC32M
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD to GND) .............................+6.0V
Input Voltage Any Pin..... (GND – 0.3V) to (VDD +0.3V)
Operating Temperature Range
TC32MC Package........................... 0°C to +70°C
TC32ME Package ........................ -40°C to +85°C
Storage Temperature Range ............. -65°C to +150°C
*Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC32M ELECTRICAL SPECIFICATIONS
Recommended DC Operating Conditions: TA = -40°C to +85°C unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
4.5
—
5.5
V
VIH
RS Input HIGH Level for PB
2.0
—
—
V
VIL
RS Input LOW Level for PB
—
—
0.3
V
DC Electrical Characteristics: VDD = 4.5V to 5.5V, TA = -40°C to +85°C unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IIL
RS Input Leakage
-1
—
+1
mA
IOL
RS Output Current
2.0
10
—
mA
VOL = 0.4V
ICC
Operating Current
—
50
200
μA
Note 1
VSTH
RS Strobe HIGH Level
(VDD – 0.5V)
—
—
V
Figure 3-1
VSTL
RS Strobe LOW Level
2.00
—
(VDD – 1.5V)
V
Figure 3-1
VRST
Reset Threshold
4.25
—
4.50
V
VDD Falling (Note 2, Figure 3-3)
Capacitance Electrical Characteristics: TA = 25°C unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
CIN
Input Capacitance
—
—
5
pF
COUT
Output Capacitance
—
—
7
pF
AC Electrical Characteristics: TA = -40°C to +85°C, VDD = 5V ±10%, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
tRST
Reset Active Time
500
700
900
msec Figure
tST
RS Strobe Pulse Width
500
—
—
nsec
Figure 3-1
tTD
Watchdog Time-out Period
500
700
900
msec Figure 3-1
tRPD
VDD Detect to RS LOW
—
—
nsec
Figure 3-1
Note 1:
No output load.
2:
All voltages referenced to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com