Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 4 Page - Microchip Technology

  TC429_03 Datasheet HTML 1Page - Microchip Technology TC429_03 Datasheet HTML 2Page - Microchip Technology TC429_03 Datasheet HTML 3Page - Microchip Technology TC429_03 Datasheet HTML 4Page - Microchip Technology TC429_03 Datasheet HTML 5Page - Microchip Technology TC429_03 Datasheet HTML 6Page - Microchip Technology TC429_03 Datasheet HTML 7Page - Microchip Technology TC429_03 Datasheet HTML 8Page - Microchip Technology TC429_03 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC429
DS21416C-page 4
 2003 Microchip Technology Inc.
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 7V
≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
—
10
µA
0V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
Low Output Voltage
VOL
——
0.025
V
Output Resistance
RO
——
5.0
Ω
VIN = 0.8V,
VOUT = 10 mA, VDD = 18V
——
5.0
VIN = 2.4V,
VOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—
—
70
nsec CL = 2500 pF, Figure 4-1
Fall Time
tF
—
—
70
nsec CL = 2500 pF, Figure 4-1
Delay Time
tD1
—
—
100
nsec Figure 4-1
Delay Time
tD2
—
—
120
nsec Figure 4-1
Power Supply
Power Supply Current
IS
——
12
mA
VIN = 3V
——
1.0
VIN = 0V
Note 1: Switching times ensured by design.
Electrical Specifications: Unless otherwise noted, TA = +25°C with 7V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
ºC
Specified Temperature Range (E)
TA
-40
—
+85
ºC
Specified Temperature Range (M)
TA
-55
—
+125
ºC
Maximum Junction Temperature
TJ
——
+150
ºC
Storage Temperature Range
TA
-65
—
+150
ºC
Package Thermal Resistances
Thermal Resistance, 8L-CERDIP
θJA
—
150
—
ºC/W
Thermal Resistance, 8L-PDIP
θJA
—
125
—
ºC/W
Thermal Resistance, 8L-SOIC
θJA
—
155
—
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com