Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4404 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC4404
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC4404_06 Datasheet HTML 5Page - Microchip Technology TC4404_06 Datasheet HTML 6Page - Microchip Technology TC4404_06 Datasheet HTML 7Page - Microchip Technology TC4404_06 Datasheet HTML 8Page - Microchip Technology TC4404_06 Datasheet HTML 9Page - Microchip Technology TC4404_06 Datasheet HTML 10Page - Microchip Technology TC4404_06 Datasheet HTML 11Page - Microchip Technology TC4404_06 Datasheet HTML 12Page - Microchip Technology TC4404_06 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2006 Microchip Technology Inc.
DS21418C-page 9
TC4404/TC4405
TYPICAL CHARACTERISTICS (CONTINUED)
Pull-Up Output Resistance
TEMPERATURE (
°C)
4.0
3.5
3.0
2.5
2.0
-55 -35 -15
5
25 45 65 85 105 125
Quiescent Supply Current
vs. Temperature
46
8
10
12
14
16
18
25
20
15
10
8
5
46
8
10
12
14
16
18
25
20
15
10
8
5
Pull-Down Output Resistance
WORST CASE
@ TJ = +150°C
TYP @ +25
°C
TYP @ +25
°C
WORST CASE
@ TJ = +150°C
VDD = 18V
BOTH INPUTS = 1
VDD (V)
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com