Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422EAT Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4422EAT
Description  9A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422EAT Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4422EAT Datasheet HTML 3Page - Microchip Technology TC4422EAT Datasheet HTML 4Page - Microchip Technology TC4422EAT Datasheet HTML 5Page - Microchip Technology TC4422EAT Datasheet HTML 6Page - Microchip Technology TC4422EAT Datasheet HTML 7Page - Microchip Technology TC4422EAT Datasheet HTML 8Page - Microchip Technology TC4422EAT Datasheet HTML 9Page - Microchip Technology TC4422EAT Datasheet HTML 10Page - Microchip Technology TC4422EAT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2004 Microchip Technology Inc.
DS21420D-page 7
TC4421/TC4422
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-13:
Propagation Delay vs. Input
Amplitude.
FIGURE 2-14:
Crossover Energy vs.
Supply Voltage.
FIGURE 2-15:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-16:
Propagation Delay vs.
Temperature.
FIGURE 2-17:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-18:
Low-State Output
Resistance vs. Supply Voltage.
120
110
100
90
80
70
60
50
40
30
20
10
0
12345
6
7
8
9
10
Input Amplitude (V)
VDD = 10V
CLOAD = 10,000 pF
tD1
tD2
10-7
10-6
NOTE:
The values on this graph represent the loss seen
by the driver during a complete cycle. For the loss
in a single transition, divide the stated value by 2.
46
8
10
12
14
16
18
VDD (V)
10-8
6
46
8
10
12
14
16
18
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
VDD (V)
TJ = 150°C
TJ = 25°C
50
–40 –20
0
20
40
60
80
100 120
–60
45
40
35
30
25
20
TA (°C)
tD1
tD2
VDD = 18V
CLOAD = 10,000 pF
VIN = 5V
102
-40 -20
0
20
40
60
80 100 120
-60
VDD = 18V
Input = 1
Input = 0
TJ (°C)
103
46
8
10
12
14
16
18
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
VDD (V)
TJ = 150°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com