Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424CMF Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4424CMF
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424CMF Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4424CMF Datasheet HTML 2Page - Microchip Technology TC4424CMF Datasheet HTML 3Page - Microchip Technology TC4424CMF Datasheet HTML 4Page - Microchip Technology TC4424CMF Datasheet HTML 5Page - Microchip Technology TC4424CMF Datasheet HTML 6Page - Microchip Technology TC4424CMF Datasheet HTML 7Page - Microchip Technology TC4424CMF Datasheet HTML 8Page - Microchip Technology TC4424CMF Datasheet HTML 9Page - Microchip Technology TC4424CMF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4423/TC4424/TC4425
DS21421D-page 6
 2004 Microchip Technology Inc.
Typical Performance Curves (Continued)
FIGURE 2-7:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-8:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-9:
Output Resistance
(Output High) vs. Supply Voltage.
FIGURE 2-10:
Propagation Delay Time vs.
Temperature.
FIGURE 2-11:
Quiescent Current vs.
Temperature.
FIGURE 2-12:
Output Resistance
(Output Low) vs. Supply Voltage.
50
45
40
35
30
25
20
4
6
8
1012141618
VDD (V)
CLOAD = 2200 pF
tD1
tD2
1
0.1
0.01
4
6
8
10
12
14
16
18
Both Inputs = 1
Both Inputs = 0
VDD (V)
TA = 25°C
14
12
10
8
6
4
2
4
6
8
10
12
14
16
18
Typical @
TA = +25°C
Worst Case
@ TJ = +150°C
VDD (V)
50
45
40
35
30
25
20
-55
-35
-15
5
25
45
65
85
105 125
tD2
tD1
CLOAD = 2200 pF
TA (°C)
-55
-35
-15
5
25
45
65
85
105 125
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Both Inputs = 1
Both Inputs = 0
TA (°C)
14
12
10
8
6
4
2
4
6
8
1012141618
Worst Case
@ TJ = +150°C
VDD (V)
Typical @
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com