Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR2N2907A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MSR2N2907A
Description  Rad Hard PNP Silicon Switching Transistor Screened per MIL-PRF-19500 & ESCC22900
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSR2N2907A Datasheet(HTML) 3 Page - Microsemi Corporation

  MSR2N2907A Datasheet HTML 1Page - Microsemi Corporation MSR2N2907A Datasheet HTML 2Page - Microsemi Corporation MSR2N2907A Datasheet HTML 3Page - Microsemi Corporation MSR2N2907A Datasheet HTML 4Page - Microsemi Corporation MSR2N2907A Datasheet HTML 5Page - Microsemi Corporation MSR2N2907A Datasheet HTML 6Page - Microsemi Corporation MSR2N2907A Datasheet HTML 7Page - Microsemi Corporation MSR2N2907A Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
 
T4-LDS-0339, Rev. 1 (04/15/14)
©2014 Microsemi Corporation
Page 3 of 8
MSR2N2907A(L)
ELECTRICAL CHARACTERISTICS
@ TA= 25 ºC unless otherwise noted.
 
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
V
IC = 10 mA
Collector-Base Cutoff Current
ICBO
A
nA
VCB = -60 V
VCB = -50 V
-10
-10
Emitter-Base Cutoff Current
IEBO
A
nA
VEB = -5.0 V
VEB = -4.0 V
-10
-50
Collector-Emitter Cutoff Current
ICES
-50
nA
VCE = -50 V
ON CHARACTERISTICS
(1)
Forward-Current Transfer Ratio
hFE
IC = -0.1 mA, VCE = -10 V
75
IC = -1.0 mA, VCE = -10 V
100
450
IC = -10 mA, VCE = -10 V
100
IC = -150 mA, VCE = -10 V
100
300
IC = -500 mA, VCE = -10 V
50
Collector-Emitter Saturation Voltage
VCE(sat)
V
IC = -150 mA, IB = -15 mA
IC = -500 mA, IB = -50 mA
-0.4
-1.6
Base-Emitter Voltage
VBE(sat)
V
IC = -150 mA, IB = -15 mA
IC = -500 mA, IB = -50 mA
-0.6
-1.3
-2.6
 
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Short-Circuit Forward Current Transfer Ratio
hfe
100
IC = -1.0 mA, VCE = -10 V, f = 1.0 kHz
Magnitude of Small–Signal Short-Circuit
Forward Current Transfer Ratio
|hfe|
2.0
IC = -20 mA, VCE = -20 V, f = 100 MHz
Output Capacitance
Cobo
8.0
pF
VCB = -10 V, IE = 0, 100 kHz  f  1.0 MHz
Input Capacitance
Cibo
30
pF
VEB = -2.0 V, IC = 0, 100 kHz  f  1.0 MHz
(1) Pulse Test: Pulse Width = 300
s, Duty Cycle  2.0%
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
ton
45
ns
Turn-Off Time
toff
300
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com