Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4431 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC4431
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4431 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC4431_03 Datasheet HTML 9Page - Microchip Technology TC4431_03 Datasheet HTML 10Page - Microchip Technology TC4431_03 Datasheet HTML 11Page - Microchip Technology TC4431_03 Datasheet HTML 12Page - Microchip Technology TC4431_03 Datasheet HTML 13Page - Microchip Technology TC4431_03 Datasheet HTML 14Page - Microchip Technology TC4431_03 Datasheet HTML 15Page - Microchip Technology TC4431_03 Datasheet HTML 16Page - Microchip Technology TC4431_03 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
 2003 Microchip Technology Inc.
DS21424C-page 13
TC4431/TC4432
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC4431: 1.5A High-Speed 30V MOSFET Driver,
Inverting
TC4432: 1.5A High-Speed 30V MOSFET Driver,
Non Inverting
Temperature Range:
C
=
0°C to +70°C
E
=
-40°C to +85°C
Package:
JA
= Ceramic Dual In-line (300 mil Body), 8-lead *
OA
= Plastic SOIC, (150 mil Body), 8-lead
OA713 = Plastic SOIC, (150 mil Body), 8-lead
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
* Offered in E-temp range only.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
TC4431COA: 1.5A MOSFET driver, SOIC
package, 0°C to +70°C.
b)
TC4431EJA: 1.5A MOSFET driver,
CERDIP package, -40ºC to +85ºC.
a)
TC4432CPA: 1.5A MOSFET driver, PDIP
package, 0°C to +70°C.
b)
TC4432EPA: 1.5A MOSFET driver, PDIP
package, -40°C to +85°C.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com