Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422CMF Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4422CMF
Description  9A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422CMF Datasheet(HTML) 5 Page - Microchip Technology

  TC4422CMF Datasheet HTML 1Page - Microchip Technology TC4422CMF Datasheet HTML 2Page - Microchip Technology TC4422CMF Datasheet HTML 3Page - Microchip Technology TC4422CMF Datasheet HTML 4Page - Microchip Technology TC4422CMF Datasheet HTML 5Page - Microchip Technology TC4422CMF Datasheet HTML 6Page - Microchip Technology TC4422CMF Datasheet HTML 7Page - Microchip Technology TC4422CMF Datasheet HTML 8Page - Microchip Technology TC4422CMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2004 Microchip Technology Inc.
DS21420D-page 5
TC4421/TC4422
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
220
200
180
160
140
120
100
80
60
40
20
0
46
8
10
12
14
16
18
1000 pF
4700 pF
10,000 pF
22,000 pF
VDD (V)
5V
15V
300
250
200
150
100
50
0
100
1000
10,000
100,000
10V
CLOAD (pF)
90
60
40
30
70
50
80
-40
0
40
80
120
TA (°C)
CLOAD = 10,000 pF
VDD = 15V
tFALL
tRISE
180
160
140
120
100
80
60
40
20
0
4
6
8
10
1214
1618
1000 pF
4700 pF
10,000 pF
22,000 pF
VDD (V)
300
250
200
150
100
50
0
100
1000
10,000
5V
10V
15V
100,000
CLOAD (pF)
50
810
12
14
16
18
4
45
40
35
30
25
6
VDD (V)
CLOAD = 1000 pF
tD1
tD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com