Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4432CPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4432CPA
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432CPA Datasheet(HTML) 5 Page - Microchip Technology

  TC4432CPA Datasheet HTML 1Page - Microchip Technology TC4432CPA Datasheet HTML 2Page - Microchip Technology TC4432CPA Datasheet HTML 3Page - Microchip Technology TC4432CPA Datasheet HTML 4Page - Microchip Technology TC4432CPA Datasheet HTML 5Page - Microchip Technology TC4432CPA Datasheet HTML 6Page - Microchip Technology TC4432CPA Datasheet HTML 7Page - Microchip Technology TC4432CPA Datasheet HTML 8Page - Microchip Technology TC4432CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
 2003 Microchip Technology Inc.
DS21424C-page 5
TC4431/TC4432
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25ºC with 4.5V ≤ VDD ≤ 30V.
FIGURE 2-1:
Supply Current vs.
Capacitive Load.
FIGURE 2-2:
Input Current vs. Input
Voltage.
FIGURE 2-3:
Rise/Fall Time vs. VDD.
FIGURE 2-4:
tD1 and tD2 Delay vs. VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
100
1000
10,000
2 MHz
600 kHz
200 kHz
20 kHz
900 kHz
V
= 12V
DD
60
50
40
30
20
10
0
CLOAD (pF)
INPUT VOLTAGE (VIN)
50
3
6
12
15
18
21
24
27
30
9
40
30
20
10
0
WITHOUT 1 K RES.
45
35
25
15
5
WITH 1 K RES.
3
6
12
15
18
21
24
27
30
9
150
125
100
75
50
25
0
tFALL
VDD (V)
CLOAD = 1000 pF
TA = +25°C
tRISE
3
6
12
15
18
21
24
27
30
9
300
250
200
150
100
50
0
tD2
tD1
CLOAD = 1000 pF
TA = +25°C
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com