Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS11R Datasheet(PDF) 2 Page - TT Electronics.

Part # PHS11R
Description  Rotary Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS11R Datasheet(HTML) 2 Page - TT Electronics.

  PHS11R Datasheet HTML 1Page - TT Electronics. PHS11R Datasheet HTML 2Page - TT Electronics. PHS11R Datasheet HTML 3Page - TT Electronics. PHS11R Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Rev A 07/2023 Page 2
TT Electronics | BI Technologies
413 Rood RD, Suite 7 Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rotary Position Sensor
PHS11R Series
Mechanical Characteristics
Rotational Angle
360°
Rotational torque
0-30gf-cm
Shaft push/pull strength
> 1.0kgf for 10 sec min
Storage Temperature
-40°C to +120°C
Operating Temperature
-40°C to +120°C
Life Cycles
1,000,000 cycles min
ΔRT ±10% (Ungreased Type)
ΔRT ±20% (Greased Type)
Dry Heat
120 ± 3°C, 250 ±8H
ΔRT ± 20%, Linearity: ±2%
Cold
-40 ± 3°C, 168 ±4H
ΔRT ± 20%, Linearity: ±2%
Humidity
60 ± 2°C, 90 to 95RH, 250 ±8H
ΔRT ± 20%, Linearity: ±2%
Temperature Cycling
-40°C to +120°C, 5 cycles
ΔRT ± 20%, Linearity: ±2%
ORDERING INFORMATION
PHS11R 1 D B R 5K E320
MODEL SERIES
PRODUCT TYPE
1 - GREASED TYPE
2 - UNGREASED TYPE
ROTOR STYLE
D– D TYPE
TAPER
B = LINEAR
RESISTANCE VALUE
1K, 2K, 5K, 10K, 20K, 50K, 100K
RESISTANCE PREFIX
ELECTRICAL ANGLE CODE
60°, 80°, 85°, 90°, 120°, 145°, 180°,
250°, 300°, 320°, 330°, 333°, 341°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com