Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC623CEPA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC623CEPA
Description  3V, Dual Trip Point Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623CEPA Datasheet(HTML) 2 Page - Microchip Technology

  TC623CEPA Datasheet HTML 1Page - Microchip Technology TC623CEPA Datasheet HTML 2Page - Microchip Technology TC623CEPA Datasheet HTML 3Page - Microchip Technology TC623CEPA Datasheet HTML 4Page - Microchip Technology TC623CEPA Datasheet HTML 5Page - Microchip Technology TC623CEPA Datasheet HTML 6Page - Microchip Technology TC623CEPA Datasheet HTML 7Page - Microchip Technology TC623CEPA Datasheet HTML 8Page - Microchip Technology TC623CEPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC623
DS21441C-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ......................................................5.5V
Input Voltage Any Input .. (GND – 0.3V) to (VDD +0.3V)
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ............................................730 mW
SOIC.....................................................470 mW
Derating Factors
Plastic DIP ...........................................8 mW/°C
SOIC ....................................................6 mW/°C
Operating Temperature
V Version .................................-40°C to +125°C
E Version ...................................-40°C to +85°C
C Version ...................................... 0°C to +70°C
Storage Temperature..........................-65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC623 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over Operating Temperature Range, VDD = 2.7V to 4.5V, unless otherwise specified.
Symbol
Parameter
Min
Typ.
Max
Unit
Test Conditions
VDD
Supply Voltage Range
2.7
—
4.5
V
IDD
Supply Current
—
150
250
μA2.7V ≤ VDD ≤ 4.5V
TSET
Absolute Accuracy
T - 3
T ±1
T + 3
°C
T = Programmed Temperature
VOH
Output Voltage High
0.9 x VDD
0.8 x VDD
—
—
—
—
V
V
IOH = 250 μA
IOH = 500 μA
VOL
Output Voltage Low
—
—
—
—
0.1 x VDD
0.2 x VDD
V
V
IOL = 500 μA
IOL = 1 mA
HYS
Hysteresis
—
—
-2
°C
Falling Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com