Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4428ACOA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4428ACOA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428ACOA Datasheet(HTML) 5 Page - Microchip Technology

  TC4428ACOA Datasheet HTML 1Page - Microchip Technology TC4428ACOA Datasheet HTML 2Page - Microchip Technology TC4428ACOA Datasheet HTML 3Page - Microchip Technology TC4428ACOA Datasheet HTML 4Page - Microchip Technology TC4428ACOA Datasheet HTML 5Page - Microchip Technology TC4428ACOA Datasheet HTML 6Page - Microchip Technology TC4428ACOA Datasheet HTML 7Page - Microchip Technology TC4428ACOA Datasheet HTML 8Page - Microchip Technology TC4428ACOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21423F-page 5
TC4426A/TC4427A/TC4428A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, over operating temperature range with 4.5V
≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Delay Time vs. Input
Amplitude.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-6:
Propagation Delay Time vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
5.0
7.5
10.0
12.5
15.0
17.5
0
20
40
60
80
100
TA = +25°C
VDD (V)
CL = 2200 pF
CL = 1500 pF
CL = 100 pF
CL = 1000 pF
CL = 470 pF
12
3
4
5
6
7
8
9
20
70
60
50
40
30
80
90
100
110
Input Amplitude (V)
CL = 1000 pF
VDD = 10V
tD1
tD2
-100
-50
0
50
100
150
24
22
20
18
16
14
26
28
CL = 1000 pF
VDD = 18V
TEMPERATURE (
°C)
tFALL
tRISE
5.0
7.5
10.0
12.5
15.0
17.5
0
20
40
60
80
100
CL= 100pF
TA = +25°C
VDD (V)
CL = 2200pF
CL = 2200 pF
CL = 1500 pF
CL = 100 pF
CL = 1000 pF
CL = 470 pF
0
5
10
15
20
50
45
40
35
30
25
20
55
60
VDD (V)
CL = 1000 pF
tD1
tD2
15
20
25
30
35
40
-100
-50
0
50
100
150
CL = 1000 pF
VDD = 18V
TEMPERATURE (
°C)
tD1
tD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com