Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106A Datasheet(PDF) 21 Page - Microchip Technology

Part # TC7106A
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106A Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC7106A Datasheet HTML 17Page - Microchip Technology TC7106A Datasheet HTML 18Page - Microchip Technology TC7106A Datasheet HTML 19Page - Microchip Technology TC7106A Datasheet HTML 20Page - Microchip Technology TC7106A Datasheet HTML 21Page - Microchip Technology TC7106A Datasheet HTML 22Page - Microchip Technology TC7106A Datasheet HTML 23Page - Microchip Technology TC7106A Datasheet HTML 24Page - Microchip Technology TC7106A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21455C-page 21
TC7106/A/TC7107/A
FIGURE 10-7:
Circuit for Developing Under
Range and Over Range Signals from TC7106A
Outputs
FIGURE 10-8:
TC7106/TC7107:
Recommended Component Values for 2.00V Full
Scale
FIGURE 10-9:
TC7107 Operated from
Single +5V Supply
21
20
40
To Logic
VCC
V-
To Logic
VCC
V+
CD4077
U/R
O/R
CD4023
OR 74C10
TC7106A
1
O/R = Over Range
U/R = Under Range
100k
Ω
100pF
0.047
μF
470k
Ω
0.22
μF
To Display
0.1
μF
25k
Ω
24k
Ω
V+
Set VREF = 1V
0.01
μF
+
IN
1M
Ω
–
V-
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
To Pin 1
TC7106A
TC7107A
100pF
0.47
μF
47k
Ω
To Display
0.1
µF
1k
Ω
V+
Set VREF = 100mV
10k
Ω
10k
Ω
1.2V
0.01
μF
–
IN
1M
Ω
100k
Ω
0.22
μF
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TC7107A
To PIn 1
Note: An external reference must be used in this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com