Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682EPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC682EPA
Description  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682EPA Datasheet(HTML) 5 Page - Microchip Technology

  TC682EPA Datasheet HTML 1Page - Microchip Technology TC682EPA Datasheet HTML 2Page - Microchip Technology TC682EPA Datasheet HTML 3Page - Microchip Technology TC682EPA Datasheet HTML 4Page - Microchip Technology TC682EPA Datasheet HTML 5Page - Microchip Technology TC682EPA Datasheet HTML 6Page - Microchip Technology TC682EPA Datasheet HTML 7Page - Microchip Technology TC682EPA Datasheet HTML 8Page - Microchip Technology TC682EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21453C-page 5
TC682
4.0
TYPICAL APPLICATIONS
4.1
Negative Doubling Converter
The most common application of the TC682 is as a
charge pump voltage converter which provides a
negative output of two times a positive input voltage
(Figure 4-1).
FIGURE 4-1:
Inverting Voltage Doubler
4.2
Capacitor Selection
The output resistance of the TC682 is determined, in
part, by the ESR of the capacitors used. An expression
for ROUT is derived as shown below:
Assuming all switch resistances are approximately
equal:
ROUT is typically 140Ω at +25°C with VIN = +5V and 3.3
μF low ESR capacitors. The fixed term (16RSW) is
about 80-90
Ω. It can be seen easily that increasing or
decreasing values of C1 and C2 will affect efficiency by
changing ROUT. However, be careful about ESR. This
term can quickly become dominant with large electro-
lytic capacitors. Table 4-1 shows ROUT for various
values of C1 and C2 (assume 0.5
Ω ESR). C1 must be
rated at 6VDC or greater while C2 and C3 must be
rated at 12VDC or greater.
Output voltage ripple is affected by C3. Typically the
larger the value of C3 the less the ripple for a given load
current. The formula for P-P VRIPPLE is given below:
VRIPPLE = {1/[2(fPUMP x C3)] + 2(ESRC3)} (IOUT)
For a 10
μF (0.5Ω ESR) capacitor for C3, fPUMP = 10
kHz and IOUT = 10 mA the peak-to-peak ripple voltage
at the output will be less then 60 mV. In most
applications (IOUT < = 10 mA) a 10-20 μF capacitor and
1-5
μF pump capacitors will suffice. Table 4-2 shows
VRIPPLE for different values of C3 (assume 1Ω ESR).
TABLE 4-1:
OUTPUT RESISTANCE
VS. C1, C2
TABLE 4-2:
VRIPPLE PEAK-TO-PEAK
VS. C3 (IOUT 10mA)
GND
GND
TC682
22
μF
22
μF
22
μF
7
6
5
4
3
2
1
+
VIN
C1+
C2+
C1–
C2–
V–OUT
C1
C2
V–OUT
+
+
VIN
C3
ROUT =2(RSW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+2(RSW1 +RSW2 +ESRC1 +RSW3 +RSW4 +ESRC2)
+1/(fPUMP x C1) +1/(fPUMP x C2)
+ESRC3
ROUT = 16RSW + 4ESRC1 + 4ESRC2 + ESRC3
+1/(fPUMP x C1) +1/(fPUMP x C2)
C1, C2 (
μF)
ROUT(Ω)
0.05
4085
0.10
2084
0.47
510
1.00
285
3.30
145
5.00
125
10.00
105
22.00
94
100.00
87
C3 (
μF)
VRIPPLE (mV)
0.50
1020
1.00
520
3.30
172
5.00
120
10.00
70
22.00
43
100.00
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com