Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422VG Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4422VG
Description  9A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422VG Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4422VG Datasheet HTML 2Page - Microchip Technology TC4422VG Datasheet HTML 3Page - Microchip Technology TC4422VG Datasheet HTML 4Page - Microchip Technology TC4422VG Datasheet HTML 5Page - Microchip Technology TC4422VG Datasheet HTML 6Page - Microchip Technology TC4422VG Datasheet HTML 7Page - Microchip Technology TC4422VG Datasheet HTML 8Page - Microchip Technology TC4422VG Datasheet HTML 9Page - Microchip Technology TC4422VG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4421/TC4422
DS21420D-page 6
 2004 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Supply Current vs.
Capacitive Load (VDD = 18V).
FIGURE 2-8:
Supply Current vs.
Capacitive Load (VDD = 12V).
FIGURE 2-9:
Supply Current vs.
Capactive Load (VDD = 6V).
FIGURE 2-10:
Supply Current vs.
Frequency (VDD = 18V).
FIGURE 2-11:
Supply Current vs.
Frequency (VDD = 12V).
FIGURE 2-12:
Supply Current vs.
Frequency (VDD = 6V).
220
100
200
180
160
140
120
100
80
60
40
20
0
100,000
10,000
1000
1.125 MHz
632 kHz
200 kHz
20 kHz
2 MHz
63.2 kHz
CLOAD (pF)
VDD = 18V
180
160
140
120
100
60
0
80
40
20
1.125 MHz
63.2 kHz
20 kHz
632 kHz
200 kHz
2 MHz
100
100,000
10,000
1000
VDD = 12V
CLOAD (pF)
100
90
80
70
60
50
40
30
20
10
0
20 kHz
632 kHz
200 kHz
2 MHz
63.2 kHz
100
100,000
10,000
1000
VDD = 6V
CLOAD (pF)
Frequency (kHz)
180
100
80
60
40
20
0
120
140
160
22,000 pF
470 pF
10,000 pF
0.1 µF
4700 pF
10
100
1000
47,000 pF
VDD = 18V
Frequency (kHz)
180
100
80
60
40
20
0
120
140
160
470 pF
22,000 pF
4700 pF
10,000 pF
47,000 pF
10
100
1000
VDD = 12V
0.1 µF
47,000 pF
120
40
20
0
100
4700 pF
10
Frequency (kHz)
100
1000
60
80
22,000 pF
470 pF
10,000 pF
10
100
1000
VDD = 6V
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com