Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109CPL Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7109CPL
Description  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109CPL Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7109CPL Datasheet HTML 6Page - Microchip Technology TC7109CPL Datasheet HTML 7Page - Microchip Technology TC7109CPL Datasheet HTML 8Page - Microchip Technology TC7109CPL Datasheet HTML 9Page - Microchip Technology TC7109CPL Datasheet HTML 10Page - Microchip Technology TC7109CPL Datasheet HTML 11Page - Microchip Technology TC7109CPL Datasheet HTML 12Page - Microchip Technology TC7109CPL Datasheet HTML 13Page - Microchip Technology TC7109CPL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TC7109/A
DS21456C-page 10
© 2006 Microchip Technology Inc.
FIGURE 3-1:
Conversion Timing (RUN/HOLD) Pin High
FIGURE 3-2:
Digital Section
Internal Clock
Integrator Output
for Normal Input
Integrator
Saturates
Internal Latch
Integrator Output
for Over Range Input
No Zero Crossing
ZI
AZ
Zero Integrator
Phase forces
Integrator Output
to 0V
Zero Crossing
Occurs
Zero Crossing
Detected
INT
Phase II
Status Output
AZ
Phase I
DE
Phase III
AZ
Fixed
2048
Counts
2048
Counts
Min.
4096
Counts
Max
Number of Counts to Zero Crossing
Proportional to VIN
After Zero Crossing, Analog section will
be in Auto-Zero Configuration
TEST
17
POL
3
OR
4
B
12
5
B
11
6
B
10
7
B
9
8
B
8
9
B
7
10
B
6
11
B
5
12
B
4
13
B
3
14
226
22
23
24
25
21
STATUS
RUN/
HOLD
OSC
IN
OSC
OUT
OSC
SEL
BUFF
OSC
OUT
MODE
To
Analog
Section
COMP OUT
AZ
INT
DE (±)
ZI
Conversion
Control Logic
Oscillator and
Clock Circuitry
High Order
Byte Outputs
Low Order
Byte Outputs
Handshake
Logic
B
2
15
B
1
16
27
SEND
18
19
20
LBEN
HBEN
CE/LOAD
1
GND
14 Latches
12-Bit Counter
14 Three-State Outputs
Latch
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com