Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129CLW Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7129CLW
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129CLW Datasheet(HTML) 3 Page - Microchip Technology

  TC7129CLW Datasheet HTML 1Page - Microchip Technology TC7129CLW Datasheet HTML 2Page - Microchip Technology TC7129CLW Datasheet HTML 3Page - Microchip Technology TC7129CLW Datasheet HTML 4Page - Microchip Technology TC7129CLW Datasheet HTML 5Page - Microchip Technology TC7129CLW Datasheet HTML 6Page - Microchip Technology TC7129CLW Datasheet HTML 7Page - Microchip Technology TC7129CLW Datasheet HTML 8Page - Microchip Technology TC7129CLW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21459D-page 3
TC7129
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (V+ to V-) ....................................... 15V
Reference Voltage (REF HI or REF LO) ........ V+ to V–
Input Voltage (IN HI or IN LO) (Note 1).......... V+ to V–
VDISP .......................................... V+ to (DGND – 0.3V)
Digital Input (Pins 1, 2, 19, 20,
21, 22, 27, 37, 39, 40) .......................... DGND to V+
Analog Input (Pins 25, 29, 30) ....................... V+ to V–
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ..................................................... 1.23W
PLCC ............................................................. 1.23W
Plastic QFP .................................................... 1.00W
Operating Temperature Range ............... 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC7129 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: V+ to V– = 9V, VREF = 1V, TA = +25°C, fCLK = 120 kHz, unless otherwise indicated.
Pin numbers refer to 40-pin DIP.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Input
Zero Input Reading
–0000
0000
+0000
Counts
VIN = 0V, 200 mV scale
Zero Reading Drift
—
±0.5
—
μV/°C VIN = 0V, 0°C < TA < +70°C
Ratiometric Reading
9996
—
10000
Counts
VIN = VREF = 1000 mV,
Range = 2V
Range Change Accuracy
0.9999
1.0000
1.0001
Ratio
VIN = 1V on High Range,
VIN = 0.1V on Low Range
RE
Rollover Error
—
1
2
Counts
VIN– = VIN+ = 199 mV
NL
Linearity Error
—
1
—
Counts
200mV Scale
CMRR
Common Mode Rejection Ratio
—
110
—
dB
VCM = 1V, VIN = 0V,
200 mV scale
CMVR
Common Mode Voltage Range
—
(V-) +
1.5
—V
VIN = 0V
—
(V+) – 1
—
V
200 mV scale
eN
Noise (Peak-to-Peak Value not
Exceeded 95% of Time)
—
14
—
μVP-P VIN = 0V
200 mV scale
IIN
Input Leakage Current
—
1
10
pA
VIN = 0V, pins 32, 33
Scale Factor Temperature
Coefficient
—
2
7
ppm/°C VIN = 199 mV,
0°C < TA < +70°C
External VREF = 0 ppm/°C
Note 1:
Input voltages may exceed supply voltages, provided input current is limited to ±400
μA. Currents above
this value may result in invalid display readings, but will not destroy the device if limited to ±1 mA.
Dissipation ratings assume device is mounted with all leads soldered to printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com