Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8559T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8559T
Description  Low-voltage stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8559T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8559T Datasheet HTML 17Page - NXP Semiconductors TDA8559T Datasheet HTML 18Page - NXP Semiconductors TDA8559T Datasheet HTML 19Page - NXP Semiconductors TDA8559T Datasheet HTML 20Page - NXP Semiconductors TDA8559T Datasheet HTML 21Page - NXP Semiconductors TDA8559T Datasheet HTML 22Page - NXP Semiconductors TDA8559T Datasheet HTML 23Page - NXP Semiconductors TDA8559T Datasheet HTML 24Page - NXP Semiconductors TDA8559T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1997 Jun 27
21
Philips Semiconductors
Product specification
Low-voltage stereo headphone amplifier
TDA8559
Fig.27 THD as a function of frequency (BTL mono).
(1) VP = 3 V, RL =25 Ω, THD = 70 mW.
(2) VP = 5 V, RL =25 Ω, THD = 150 mW.
handbook, halfpage
1
THD
(%)
f (Hz)
10−1
10−2
MDA131
10
102
103
104
105
(2)
(1)
Fig.28 SVRR as a function of frequency (BTL
mono).
VP = 3 V, Rs =0 Ω, Vr = 0.2 V (RMS).
handbook, halfpage
−80
−60
−40
−20
0
MDA132
10
f (Hz)
SVRR
(dB)
102
103
104
105
Fig.29 Po as a function of supply voltage (BTL
mono).
(1) THD = 10%; RL =25 Ω.
(2) THD = 0.5%, RL =25 Ω.
handbook, halfpage
04
12
1
0.75
0.25
0
0.5
8
VP (V)
Po
(W)
MDA133
(2)
(1)
Fig.30 Total worst case power dissipation as a
function of supply voltage (BTL mono).
(1) RL =25 Ω.
(2) RL =32 Ω.
handbook, halfpage
04
VP (V)
P
(W)
812
1.6
1.2
0.4
0
0.8
MDA134
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com