Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052R8T6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8L052R8T6
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8T6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8L052R8T6 Datasheet HTML 69Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 70Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 71Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 72Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 73Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 74Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 75Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 76Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
73/109
Current consumption of on-chip peripherals
Table 24.
Peripheral current consumption
Symbol
Parameter
Typ.
VDD = 3.0 V
Unit
IDD(ALL)
Peripherals ON (1)
63
IDD(TIM1)
TIM1 supply current(2)
10
µA/MHz
IDD(TIM2)
TIM2 supply current (2)
7
IDD(TIM3)
TIM3 supply current (2)
7
IDD(TIM5)
TIM5 supply current (2)
7
IDD(TIM4)
TIM4 timer supply current (2)
3
IDD(USART1)
USART1 supply current (3)
5
IDD(USART2)
USART2 supply current (3)
5
IDD(USART3)
USART3 supply current (3)
5
IDD(SPI1)
SPI1 supply current (3)
3
IDD(SPI2)
SPI2 supply current (3)
3
IDD(I2C1)
I2C1 supply current (3)
4
IDD(DMA1)
DMA1 supply current
3
IDD(WWDG)
WWDG supply current
1
IDD(ADC1)
ADC1 supply current(4)
1500
µA
IDD(PVD/BOR)
Power voltage detector and brownout Reset unit supply current
(5)
2.6
IDD(BOR)
Brownout Reset unit supply current (5)
2.4
IDD(IDWDG)
Independent watchdog supply current
including LSI supply
current
0.45
excluding LSI
supply current
0.05
1.
Peripherals listed above the IDD(ALL) parameter ON: TIM1, TIM2, TIM3, TIM4, TIM5, USART1, USART2, USART3, SPI1,
SPI2, I2C1, DMA1, WWDG.
2.
Data based on a differential IDD measurement between all peripherals OFF and a timer counter running at 16 MHz. The
CPU is in Wait mode in both cases. No IC/OC programmed, no I/O pins toggling. Not tested in production.
3.
Data based on a differential IDD measurement between the on-chip peripheral in reset configuration and not clocked and
the on-chip peripheral when clocked and not kept under reset. The CPU is in Wait mode in both cases. No I/O pins
toggling. Not tested in production.
4.
Data based on a differential IDD measurement between ADC in reset configuration and continuous ADC conversion.
5.
Including supply current of internal reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com