Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC510 Datasheet(PDF) 25 Page - Microchip Technology

Part # TC510
Description  Precision Analog Front Ends
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510 Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC510 Datasheet HTML 21Page - Microchip Technology TC510 Datasheet HTML 22Page - Microchip Technology TC510 Datasheet HTML 23Page - Microchip Technology TC510 Datasheet HTML 24Page - Microchip Technology TC510 Datasheet HTML 25Page - Microchip Technology TC510 Datasheet HTML 26Page - Microchip Technology TC510 Datasheet HTML 27Page - Microchip Technology TC510 Datasheet HTML 28Page - Microchip Technology TC510 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21428D-page 25
TC500/A/510/514
24-Lead Plastic Small Outline (OG) – Wide, 300 mil (SOIC)
2
1
D
e
n
B
E
E1
L
c
β
h
φ
A2
α
A
A1
h
Foot Angle
φ
0°
8°
0°
8°
15°
5°
15°
5°
β
Mold Draft Angle Bottom
15°
5°
15°
5°
α
Mold Draft Angle Top
0.51
0.31
.020
.012
B
Lead Width
0.33
0.20
.013
.008
c
Lead Thickness
1.27
0.40
.050
.016
L
Foot Length
0.75
0.25
.030
.010
h
Chamfer Distance
15.40 BSC
.607 BSC
D
Overall Length
7.50 BSC
.295 BSC
E1
Molded Package Width
10.30 BSC
.406 BSC
E
Overall Width
0.30
0.10
.012
.004
A1
Standoff
2.55
2.05
.100
.081
A2
Molded Package Thickness
2.65
2.35
.104
.093
A
Overall Height
1.27 BSC
.050 BSC
e
Pitch
24
24
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
Notes:
JEDEC Equivalent: MS-013 AD
Revised 07-19-05
* Controlling Parameter per JEDEC MS-103 Revision C.
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
Drawing No. C04-025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com