Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL6331G Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL6331G
Description  Low Operating Current Visible Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6331G Datasheet(HTML) 2 Page - Opnext. Inc.

  HL6331G Datasheet HTML 1Page - Opnext. Inc. HL6331G Datasheet HTML 2Page - Opnext. Inc. HL6331G Datasheet HTML 3Page - Opnext. Inc. HL6331G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL6331G/32G
Rev.1 Oct. 21, 2005 page 2 of 4
Typical Characteristic Curves
Optical Output Power vs. Forward Current
Far Field Pattern
10
8
6
4
2
0
0
50
100
200
Forword current, IF (mA)
25
40
60
TC = 0°C
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
Angle,
θ ( ° )
0
Parallel
-30
-10
10
30
Perpendicular
PO = 10 mW
TC = 25°C
Threshold Current vs. Case Temperature
100
50
10
20
Case temperature, TC (°C)
-10
0
10
20
30
50
40
60
Slope Efficiency vs. Case Temperature
Case temperature, TC (°C)
0
0.2
0.4
0.6
0.8
1.0
-10
0
10
20
30
50
40
60
Monitor Current vs. Case Temperature
Case temperature, TC (°C)
-10
0
10
20
30
40
0
0.1
0.05
0.15
0.2
0.25
50
60
PO = 10 mW
VR(PD) = 5 V
Lasing Wavelength vs. Case Temperature
Case temperature, TC (°C)
010
20
30
40
50
60
630
635
645
650
640
-10
PO = 10 mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com