Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC651ACUATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TC651ACUATR
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC651ACUATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TC651ACUATR Datasheet HTML 5Page - STMicroelectronics TC651ACUATR Datasheet HTML 6Page - STMicroelectronics TC651ACUATR Datasheet HTML 7Page - STMicroelectronics TC651ACUATR Datasheet HTML 8Page - STMicroelectronics TC651ACUATR Datasheet HTML 9Page - STMicroelectronics TC651ACUATR Datasheet HTML 10Page - STMicroelectronics TC651ACUATR Datasheet HTML 11Page - STMicroelectronics TC651ACUATR Datasheet HTML 12Page - STMicroelectronics TC651ACUATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2004 Microchip Technology Inc.
DS21450C-page 9
TC650/TC651
5.0
TYPICAL APPLICATIONS
5.1
Reducing Switching Noise
For fans consuming more than 300 mA, a slowdown
capacitor (CSLOW) is recommended for reducing
switching PWM induced noise (see Figure 5-1). The
value of this capacitor should be 4.7 µF to 47 µF,
depending on the fan current consumption.
See Application Note 771, “Suppressing Acoustic
Noise
in
PWM
Fan
Speed
Control
Systems”
(DS00771), for more information.
FIGURE 5-1:
Reducing Switching Noise.
1
8
27
3
6
4
5
NC
VDD
CSLOW
PWM
GND
TOVER
NC
GND
GND
+5V VDD
+12V
TC650
TC651
SHDN
GND
PICmicro®
DC Fan
500 mA
SHDN
Control
Overtemperature
Alert
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com