Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC651BDUATR Datasheet(PDF) 4 Page - STMicroelectronics

Part # TC651BDUATR
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC651BDUATR Datasheet(HTML) 4 Page - STMicroelectronics

  TC651BDUATR Datasheet HTML 1Page - STMicroelectronics TC651BDUATR Datasheet HTML 2Page - STMicroelectronics TC651BDUATR Datasheet HTML 3Page - STMicroelectronics TC651BDUATR Datasheet HTML 4Page - STMicroelectronics TC651BDUATR Datasheet HTML 5Page - STMicroelectronics TC651BDUATR Datasheet HTML 6Page - STMicroelectronics TC651BDUATR Datasheet HTML 7Page - STMicroelectronics TC651BDUATR Datasheet HTML 8Page - STMicroelectronics TC651BDUATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC650/TC651
DS21450C-page 4
 2004 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VDD = 2.8V to 5.5V, SHDN = VDD, TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
–40
—
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
–65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-MSOP
θ
JA
—206.3
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com