Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5822 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1N5822
Description  Axial Lead Rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5822 Datasheet(HTML) 4 Page - ON Semiconductor

  1N5822 Datasheet HTML 1Page - ON Semiconductor 1N5822 Datasheet HTML 2Page - ON Semiconductor 1N5822 Datasheet HTML 3Page - ON Semiconductor 1N5822 Datasheet HTML 4Page - ON Semiconductor 1N5822 Datasheet HTML 5Page - ON Semiconductor 1N5822 Datasheet HTML 6Page - ON Semiconductor 1N5822 Datasheet HTML 7Page - ON Semiconductor 1N5822 Datasheet HTML 8Page - ON Semiconductor 1N5822 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1N5820, 1N5821, 1N5822
www.onsemi.com
4
Figure 1. Maximum Reference Temperature
1N5820
Figure 2. Maximum Reference Temperature
1N5821
Figure 3. Maximum Reference Temperature
1N5822
Figure 4. Steady−State Thermal Resistance
15
2.0
VR, REVERSE VOLTAGE (VOLTS)
115
125
105
30
4.0
VR, REVERSE VOLTAGE (VOLTS)
125
115
105
95
85
75
L, LEAD LENGTH (INCHES)
1/8
0
25
20
15
10
5.0
0
2/8
40
95
85
75
5.0
3.0
4.0
7.0
10
20
5.0
7.0
10
15
20
3/8
4/8
5/8
6/8
7/8
1.0
40
35
30
BOTH LEADS TO HEATSINK,
EQUAL LENGTH
MAXIMUM
TYPICAL
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
15
VR, REVERSE VOLTAGE (VOLTS)
115
105
95
85
75
5.0
3.0
4.0
7.0
10
20
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
125
30
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
LEAD LENGTH = 1/4
″
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
DTJL = Ppk • RqJL [D + (1 - D) • r(t1 + tp) + r(tp) - r(t1)] where:
DTJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time
t1 + tp, etc.
Figure 5. Thermal Response
20 k
The temperature of the lead should be measured using a ther­
mocouple placed on the lead as close as possible to the tie point.
The thermal mass connected to the tie point is normally large
enough so that it will not significantly respond to heat surges
generated in the diode as a result of pulsed operation once
steady-state conditions are achieved. Using the measured val­
ue of TL, the junction temperature may be determined by:
TJ = TL + DTJL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com