Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9401 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC9401
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9401 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC9401 Datasheet HTML 11Page - Microchip Technology TC9401 Datasheet HTML 12Page - Microchip Technology TC9401 Datasheet HTML 13Page - Microchip Technology TC9401 Datasheet HTML 14Page - Microchip Technology TC9401 Datasheet HTML 15Page - Microchip Technology TC9401 Datasheet HTML 16Page - Microchip Technology TC9401 Datasheet HTML 17Page - Microchip Technology TC9401 Datasheet HTML 18Page - Microchip Technology TC9401 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21483C-page 15
TC9400/9401/9402
7.0
F/V CONVERTER DESIGN
INFORMATION
7.1
Input/Output Relationships
The output voltage is related to the input frequency
(FIN) by the transfer equation:
EQUATION 7-1:
The response time to a change in FIN is equal to (RINT
CINT). The amount of ripple on VOUT is inversely
proportional to CINT and the input frequency.
CINT can be increased to lower the ripple. Values of 1 μF
to 100
μF are perfectly acceptable for low frequencies.
When the TC9400 is used in the Single Supply mode,
VREF is defined as the voltage difference between Pin 7
and Pin 2.
7.2
Input Voltage Levels
The input frequency is applied to the Threshold Detec-
tor input (Pin 11). As discussed in the V/F circuit section
of this data sheet, the threshold of Pin 11 is approxi-
mately (VDD + VSS)/2 ±400 mV. Pin 11’s input voltage
range extends from VDD to about 2.5V below the thresh-
old. If the voltage on Pin 11 goes more than 2.5 volts
below the threshold, the V/F mode start-up comparator
will turn on and corrupt the output voltage. The Thresh-
old Detector input has about 200 mV of hysteresis.
In ±5V applications, the input voltage levels for the
TC9400 are ±400 mV, minimum. If the frequency
source being measured is unipolar, such as TTL or
CMOS operating from a +5V source, then an AC
coupled level shifter should be used. One such circuit
is shown in Figure 7-1(a).
The level shifter circuit in Figure 7-1(b) can be used in
single supply F/V applications. The resistor divider
ensures that the input threshold will track the supply
voltages. The diode clamp prevents the input from
going far enough in the negative direction to turn on the
start-up comparator. The diode’s forward voltage
decreases by 2.1mV/°C, so for high ambient tempera-
ture operation, two diodes in series are recommended;
also, see Figure .
FIGURE 7-1:
Frequency Input Level Shifter
VOUT = [VREF CREF RINT] FIN
+5V
14
64
+5V
-5V
VDD
1.0M
11
33k
IN914
VSS
DET
TC9400
(a) ±5V Supply
(b) Single Supply
0.01
μF
Frequency
Input
0V
GND
+8V to +5V
14
10k
4
+5V
VDD
1.0M
11
33k
IN914
VSS
DET
TC9400
0.01
μF
Frequency
Input
0V
0.1
μF
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com