Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8562 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8562
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8562 Datasheet HTML 4Page - NXP Semiconductors TDA8562 Datasheet HTML 5Page - NXP Semiconductors TDA8562 Datasheet HTML 6Page - NXP Semiconductors TDA8562 Datasheet HTML 7Page - NXP Semiconductors TDA8562 Datasheet HTML 8Page - NXP Semiconductors TDA8562 Datasheet HTML 9Page - NXP Semiconductors TDA8562 Datasheet HTML 10Page - NXP Semiconductors TDA8562 Datasheet HTML 11Page - NXP Semiconductors TDA8562 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
July 1994
8
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1kHz; Tamb = 25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18 V < VP < 30 V the DC output voltage ≤ VP/2.
3. Output power is measured directly at the output pins of the IC.
4. Frequency response externally fixed.
5. Ripple rejection measured at the output with a source-impedance of 0
Ω, maximum ripple amplitude of 2 V (p-p) and
at a frequency of between 100 Hz and 10 kHz.
6. Noise measured in a bandwidth of 20 Hz to 20 kHz.
7. Noise output voltage independent of Rs (VI = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PO
output power
note 3
THD = 0.5%
4
5
−
W
THD = 10%
5.5
7
−
W
THD
total harmonic distortion
PO = 1 W
−
0.1
−
%
PO
output power
RL = 2 Ω; note 3
THD = 0.5%
−
10
−
W
THD = 10%
−
12
−
W
fl
low frequency roll-off
at
−3 dB; note 4
−
45
−
Hz
fh
high frequency roll-off
at
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
19
20
21
dB
RR
supply voltage ripple rejection
note 5
on
48
−−
dB
mute
48
−−
dB
stand-by
80
−−
dB
ZI
input impedance
50
60
75
k
Ω
Vno
noise output voltage
on
Rs = 0Ω; note 6
−
50
−µV
on
Rs = 10 kΩ; note 6
−
70
100
µV
mute
notes 6 and 7
−
50
−µV
α
channel separation
Rs = 10 kΩ
40
−−
dB
∆Gv
channel unbalance
−−
1dB
Dynamic distortion detector
THD
total harmonic distortion
V16 ≤ 0.6 V;
no short-circuit
−
10
−
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com