Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2313F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSC2313F
Description  Digitally controlled stereo sound quality processor with loudness
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC2313F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSC2313F Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
第 2 页 共 10 页
热量数据
参数说明
符号
SO28
DIP28
单位
阻抗散热
Rth j-pins
85
65
°C /W
最大额定值
参数说明
符号
额定值范围
单位
最大工作电压源电压
Vs
12
V
工作温度
Tamb
-40~85
°C
存储温度
Tstg
-55~150
°C
参考特性数据
参数说明
符号
最小值
典型值
最大值
单位
电源电压
Vs
6
9
10
V
最大输入信号处理
Vcl
2
Vrms
总谐波失真度
V=1rms f=1KHZ
THD
0.01
0.1
%
信噪比
S/N
106
dB
通道分离度
f=1KHZ
Sc
103
dB
音量控制 (
1.25 dB/级)
-78.5
0
dB
低音和高音控制(
2 dB/级)
-14
+14
dB
前后和平衡控制(
1.25dB/级)
-38.75
0
dB
输入增益
0
11.25
dB
静音衰减
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com