Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8563Q Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8563Q
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563Q Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8563Q Datasheet HTML 1Page - NXP Semiconductors TDA8563Q Datasheet HTML 2Page - NXP Semiconductors TDA8563Q Datasheet HTML 3Page - NXP Semiconductors TDA8563Q Datasheet HTML 4Page - NXP Semiconductors TDA8563Q Datasheet HTML 5Page - NXP Semiconductors TDA8563Q Datasheet HTML 6Page - NXP Semiconductors TDA8563Q Datasheet HTML 7Page - NXP Semiconductors TDA8563Q Datasheet HTML 8Page - NXP Semiconductors TDA8563Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1996 Jan 08
3
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563Q
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
mode switch
MLB664
output 1A
15 k
Ω
15 k
Ω
x1
VA
stand-by
switch
VP
mute
switch
stand-by
reference
voltage
PROTECTIONS
Load dump
Soar
Thermal
Short - circuit
Reverse polarity
3
10
VP1
VP2
20.7 k
Ω
2.3
k
Ω
20.7 k
Ω
2.3
k
Ω
20.7 k
Ω
2.3
k
Ω
20.7 k
Ω
2.3
k
Ω
mute switch
VA
Cm
power stage
mute switch
VA
Cm
power stage
30
k
Ω
4
6
11
mute switch
VA
Cm
power stage
mute switch
VA
Cm
power stage
30
k
Ω
9
7
25
8
ground (signal)
GND1
GND2
power ground (substrate)
output 2B
output 2A
output 1B
input 1
input 2
13
1
TDA8563Q
mute
reference
voltage
input
reference
voltage
12
diagnostic
output
DIAGNOSTIC
INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com