Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1306 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1306
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1306 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1306_07 Datasheet HTML 4Page - Microchip Technology TC1306_07 Datasheet HTML 5Page - Microchip Technology TC1306_07 Datasheet HTML 6Page - Microchip Technology TC1306_07 Datasheet HTML 7Page - Microchip Technology TC1306_07 Datasheet HTML 8Page - Microchip Technology TC1306_07 Datasheet HTML 9Page - Microchip Technology TC1306_07 Datasheet HTML 10Page - Microchip Technology TC1306_07 Datasheet HTML 11Page - Microchip Technology TC1306_07 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC1306
DS21527C-page 8
© 2007 Microchip Technology Inc.
6.0
TYPICAL CHARACTERISTICS (CONTINUED)
f (Hz)
10
100
1k
10k
100
1M
-100
-80
-60
-40
-20
0
IOUT = 150mA
COUT = 10µF Ceramic
VINDC = 4V
VINAC = 100mVP-P
VOUTDC = 3V
Power Supply Rejection Ratio vs. Frequency
f (Hz)
10
100
1k
10k
100
1M
-100
-80
-60
-40
-20
0
IOUT = 150mA
COUT = 10µF Tantalum
VINDC = 4V
VINAC = 100mVP-P
VOUTDC = 3V
Power Supply Rejection Ratio vs. Frequency
f (Hz)
10
100
1k
10k
100
1M
-100
-80
-60
-40
-20
0
IOUT = 100µA
COUT = 10µF Tantalum
VINDC = 4V
VINAC = 100mVP-P
VOUTDC = 3V
Power Supply Rejection Ratio vs. Frequency
10
0.1
0.001
0.01
f (Hz)
0.01
0.1
110
1000
100
VOUT2
COUT1 = COUT2 = 4.7mF,
ILOAD = 100mA, VIN = 4.0V
VOUT1 = VOUT2 = 3.0V
VOUT1
Output Noise
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com