Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2684 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2684
Description  Inverting Charge Pump Voltage Doublers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2684 Datasheet(HTML) 4 Page - Microchip Technology

  TC2684 Datasheet HTML 1Page - Microchip Technology TC2684 Datasheet HTML 2Page - Microchip Technology TC2684 Datasheet HTML 3Page - Microchip Technology TC2684 Datasheet HTML 4Page - Microchip Technology TC2684 Datasheet HTML 5Page - Microchip Technology TC2684 Datasheet HTML 6Page - Microchip Technology TC2684 Datasheet HTML 7Page - Microchip Technology TC2684 Datasheet HTML 8Page - Microchip Technology TC2684 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC2682/TC2683/TC2684
DS21548C-page 4
© 2005 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC2682/TC2683/TC2684 inverting charge pumps
perform a -2x multiplication of the voltage applied to the
VIN pin. Conversion is performed using two
synchronous switching matrices and three external
capacitors.
Figure 3-1 is a block diagram representation of the
TC2682/TC2683/TC2684 architecture. The first switch-
ing stage inverts the voltage present at VIN and the
second stage uses the ‘-VIN’ output generated from the
first stage to produce the ‘-2X’ output function from the
second stage switching matrix.
Each device contains an on-board oscillator that
synchronously controls the operation of the charge
pump switching matrices. The TC2682 synchronously
switches
at
12kHz,
the
TC2683
synchronously
switches at 35kHz, and the TC2684 synchronously
switches at 125kHz. The different oscillator frequencies
for this device family allow the user to trade-off
capacitor size versus supply current. Faster oscillators
can use smaller external capacitors, but will consume
more
supply
current
(see
Section 1.0
Electrical
Characteristics).
FIGURE 3-1:
TC2682/TC2683/TC2684 ARCHITECTURE
VOUT = -2VIN
-VIN
+
COUT
VIN
Switch Matrix
(1st Stage)
Switch Matrix
(2nd Stage)
Oscillator
C1
+
C2
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com