Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2120_07 Datasheet HTML 9Page - Microchip Technology MCP2120_07 Datasheet HTML 10Page - Microchip Technology MCP2120_07 Datasheet HTML 11Page - Microchip Technology MCP2120_07 Datasheet HTML 12Page - Microchip Technology MCP2120_07 Datasheet HTML 13Page - Microchip Technology MCP2120_07 Datasheet HTML 14Page - Microchip Technology MCP2120_07 Datasheet HTML 15Page - Microchip Technology MCP2120_07 Datasheet HTML 16Page - Microchip Technology MCP2120_07 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 13
MCP2120
4.1
DC Characteristics
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D001
VDD
Supply Voltage
2.5
—
5.5
V
See Figure 4-1
D002
VDR
RAM Data Retention
Voltage (2)
2.5
—
—
V
Device Oscillator/Clock stopped
D003
VPOR
VDD Start Voltage to
ensure Power-on
Reset
—VSS
—V
D004
SVDD
VDD Rise Rate to
ensure Power-on
Reset
0.05
—
—
V/ms
D010
IDD
Supply Current (3)
—
—
—
—
—
—
0.8
0.6
0.4
3
4
4.5
1.4
1.0
0.8
7
12
16
mA
mA
mA
mA
mA
mA
FOSC = 4 MHz, VDD = 5.5V
FOSC = 4 MHz, VDD = 3.0V
FOSC = 4 MHz, VDD = 2.5V
FOSC = 10 MHz, VDD = 3.0V
FOSC = 20 MHz, VDD = 4.5V
FOSC = 20 MHz, VDD = 5.5V
D020
IPD
Device Disabled
Current (3, 4)
—
—
—
—
0.25
0.25
0.4
3
4
3
5.5
8
µA
µA
µA
µA
VDD = 3.0V, 0
°C ≤ TA ≤ +70°C
VDD = 2.5V, 0
°C ≤ TA ≤ +70°C
VDD = 4.5V, 0
°C ≤ TA ≤ +70°C
VDD = 5.5V, –40
°C ≤ TA ≤ +85°C
Note 1: Data in the Typical (“Typ”) column is based on characterization results at +25
°C. This data is for design
guidance only and is not tested.
2: This is the limit to which VDD can be lowered without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Pin loading, pin rate, and
temperature have an impact on the current consumption.
a) The test conditions for all IDD measurements are made when device is enabled (EN pin is high):
OSC1 = external square wave, from rail-to-rail; all input pins pulled to VSS, RXIR = VDD,
RESET =VDD;
b) When device is disabled (EN pin is low), the conditions for current measurements are the same.
4: When the device is disabled (EN pin is low), current is measured with all input pins tied to VDD or VSS and
the output pins driving a high or low level into infinite impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com